Part Number Hot Search : 
4HC373 PC303 DDC144NS ST662ACD 1N2133AR VSM51122 3KP15CA B649A
Product Description
Full Text Search
 

To Download DEA202450BT-7041E1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DEA202450BT-7041E1 all specifications are subject to change without notice . feb 2007 ver. 12b [features] [pin configuration] ? miniature balanced band pass filter ? matched to csr bc4 ic ? package size: 2.0 x 1.25mm ? low profile : 0.7mm max. height [mechanical dimensions] multilayer balanced band pass filter part number : DEA202450BT-7041E1 1.25 +/-0.15 2 0.25+/-0.2 2.0+/-0.15 0.3+/-0.2 bottom view top view 1 3 4 8 7 5 6 0.7 max 0.35+/-0.15 0.2+/-0.2 0.65+/-0.15 unit : mm 0.3+/-0.2 2 unbalanced i/o 4 7 5 6 dc feed 3 1 8 nc gnd balanced i/o gnd gnd top view balanced i/o fig 1 fig 2
DEA202450BT-7041E1 all specifications are subject to change without notice . feb 2007 ver. 12b [electrical performance] temperature +25 o c unless otherwise specified parameter freq. (mhz) tdk specification unit insertion loss 2402 ? 2480 5.0 max. db single ended port characteristic impedance - matched to csr bc4 ic reference board ohm balanced ports impedance, nominal value - matched to csr bc4 ic reference board ohm return loss: unbalanced port 10 min db return loss: balanced port (with respect to nominal balanced impedance) 2402 ? 2480 10 min db 880 ? 960 35 min db 1710 ? 1880 25 min db 1880 ? 1990 25 min db 2110 ? 2170 20 min db attenuation 4804 ? 4960 30 min db phase difference at balanced port 2402 ? 2480 180 15.0 deg. amplitude imbalance at balanced port 2402 ? 2480 0 2.0 db storage temperature : -40 o c to +85 o c
DEA202450BT-7041E1 all specifications are subject to change without notice . feb 2007 ver. 12b [land pattern ( tdk recommended )] 0.60 mm 1.95 mm 0.35 mm 0.20 mm 0.65 mm 0.55 mm 2.60 mm 0.35 mm [pcb top metal layer] 1 . 1 3 m m 0.8mm 0. 7 07mm dc feed capacitor w 0.1mm w 0.1mm w 0.19mm lower layer trace bal bal unbal 0.50mm 0.50mm exposed copper areas ground plane ground via routing via note1 : pin 2 of the filter provides a dc feed connection to the balanced ports. in the event that this function is used, pin 2 should be connected to ground using a 15pf de-coupling capacitor. note2 : in the event that the pin 2 function is not used, the pin should be left unconnected. fig 3 pcb parameters: material: fr4 top metal to gnd layer height: 0.1mm dc feed cap value: 15pf fig 4
DEA202450BT-7041E1 all specifications are subject to change without notice . feb 2007 ver. 12b [tape & reel information] carrier tape reel dimensions standard package quantities: 2000pcs/reel a b c d e f 1.55 0.1 2.25 0.1 8.0 0.2 3.5 0.05 1.75 0.1 4.0 0.1 g h j k t 2.0 0.05 4.0 0.1 1.55 0.05 1.0 0.05 0.3 max c d b e sprocket hole j a hgf k t loading direction 130.5 210.5 602.0 90.3 131.4 1782.0 2.00.5 unit : mm label unit: mm fig 5 fig 6
DEA202450BT-7041E1 all specifications are subject to change without notice . feb 2007 ver. 12b [rohs statement] ? in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium and specific bromine-based flame retardants, pbb and pbde, have not been used in the materials of this part .? [contact information] any inquires about this part can be addressed to the following tdk sales representatives: mr. conor duffy. email: cduffy@tdk.de mr. graeme cruickshanks. email: cruickshanks@tdk.de [end of document]


▲Up To Search▲   

 
Price & Availability of DEA202450BT-7041E1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X